|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 1 ordering information c 1210 h 124 j 5 g a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance 1 voltage dielectric failure rate/ design termination finish 2 packaging/grade (c-spec) 3 0402 0603 0805 1206 1210 1812 2220 h= high temperature (200c) 2 signifcant digits + number of zeros. use 9 for 1.0 C 9.9 pf use 8 for 0.5 C .99 pf e.g., 2.2 pf = 229 e.g., 0.5 pf = 508 b = 0.10 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% m = 20% 8 = 10 v 4 = 16 v 3 = 25 v 5 = 50 v 1 = 100 v 2 = 200 v g = c0g a = n/a c = 100% matte sn l = snpb (5% minimum) blank = bulk tu = 7" reel - unmarked (full reel quantity) t050 = 50 pcs / 7 reel - unmarked t100 = 100 pcs / 7 reel - unmarked t250 = 250 pcs / 7 reel - unmarked t500 = 500 pcs / 7 reel - unmarked t1k0 = 1,000 pcs / reel - unmarked 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 additional termination fnish options may be available. contact kemet for details. 3 reeling quantities are dependent upon chip size and thickness dimension. when ordering using the t1k0 packaging option, 1812 thru 2225 case size devices with chip thickness of 1.9mm (nominal) may be shipped on multiple 7 reels or a single 13 reel . the term unmarked pertains to laser marking of components. all packaging options labeled as unmarked will contain capacitors that have not been laser marked. additional reeling or packaging options may be available. contact kemet for details. overview kemets high temperature surface mount c0g multilayer ceramic capacitors (mlccs) feature a robust, proprietary base metal dielectric system that offers industry-leading performance relative to capacitance and case size combined with capacitance stability at extreme temperatures up to +200c. this new platform promotes downsizing opportunities of existing high temperature c0g technology, and offers replacement opportunities of existing x7r, bx and br dielectric technologies. kemets high temperature c0g dielectric features a 200c maximum operating temperature and is considered stable. the electronics components, assemblies & materials association (eia) characterizes c0g dielectric as a class i material. components of this classifcation are temperature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. c0g exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30 ppm/ oc from -55c to +200c. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 200c, c0g dielectric, 10 C 200 vdc (industrial grade) one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 2 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0402 1005 1.00 (.040) 0.05 (.002) 0.50 (.020) 0.05 (.002) see table 2 for thickness 0.30 (.012) 0.10 (.004) 0.30 (.012) solder refow only 0603 1608 1.60 (.063) 0.15 (.006) 0.80 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.70 (.028) solder wave or solder refow 0805 2012 2.00 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) 0.50 (0.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.20 (.126) 0.20 (.008) 1.60 (.063) 0.20 (.008) 0.50 (0.02) 0.25 (.010) n/a 1210 3225 3.20 (.126) 0.20 (.008) 2.50 (.098) 0.20 (.008) 0.50 (0.02) 0.25 (.010) solder refow only 1812 4532 4.50 (.177) 0.30 (.012) 3.20 (.126) 0.30 (.012) 0.60 (.024) 0.35 (.014) 2220 5650 5.70 (.224) 0.40 (.016) 5.00 (.197) 0.40 (.016) 0.60 (.024) 0.35 (.014) benefts ? -55c to +200c operating temperature range ? lead (pb)-free, rohs and reach compliant ? eia 0402, 0603, 0805, 1206, 1210, 1812, and 2220 case sizes ? dc voltage ratings of 10 v, 16 v, 25 v, 50 v, 100 v, and 200 v ? capacitance offerings ranging from 0.5 pf up to 0.47 f ? available capacitance tolerances of 0.10 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, 10% or 20% ? no piezoelectric noise? extremely low esr and esl ? high thermal stability ? high ripple current capability ? preferred capacitance solution at line frequencies and into the mhz range ? no capacitance change with respect to applied rated dc voltage ? negligible capacitance change with respect to temperature from -55c to +200c ? no capacitance decay with time ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated termination fnish allowing for excellent solderability applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, fltering, transient voltage suppression, blocking and energy storage for use in extreme environments such as down-hole exploration, aerospace engine compartments and geophysical probes. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 3 qualifcation/certifcation high temperature (200oc) industrial grade products meet or exceed the requirements outlined in table 4, performance & reliability. qualifcation packages are available for review and download on our website at www .kemet.com/hightemp environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). electrical parameters/characteristics item dudphwhuv&kdudwhulvwlv operating temperature range -55c to +200c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc (up to +200oc) aging rate (maximum % capacitance loss/decade hour) 0% dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 second and charge/discharge not exceeding 50 ma) dissipation factor (df) maximum limit @ 25oc 0.1% insulation resistance (ir) limit @ 25c 1,000 megohm microfarads or 100 g (rated voltage applied for 120 5 seconds @ 25c) 7rrewdlq,5olplwglylgh0)ydoxhewkhfdsdflwdqfhdqgfrpsduhwr*olplw6hohfwwkhorhuriwkhwrolplwv &dsdflwdqfhdqglvvlsdwlrq)dfwru)phdvxuhgxqghuwkhiroorlqjfrqglwlrqv 0ndqg9upv9lifdsdflwdqfhs) ndqg9upv9lifdsdflwdqfhs) 1rwh:khqphdvxulqjfdsdflwdqfhlwlvlpsruwdqwwrhqvxuhwkhvhwyrowdjhohyholvkhogfrqvwdqw7kh3dqgjlohqw(kdyhdihdwxuhnqrqdv xwrpdwlf/hyho&rqwuro/&7kh/&ihdwxuhvkrxogehvlwfkhgwr21 post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 4 electrical characteristics ir vs. temperature with 25 v dc bias (rated voltage) capacitance vs. temperature with 25 v dc bias (rated voltage) bme vs. pme/ir vs. temperature with 25 v dc bias (rated voltage) df vs. temperature without dc bias. c1210h104j1gac - life test ir distribution (lognormal) delta cap vs. temperature (typical) 0 5 0 1 0 0 1 5 0 2 0 0 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 c a p a c i ta n c e (n f ) t e m p e r a tu r e (c) 2 0 0 o c c 0 g 1 0 0 n f n o d c 2 0 0 o c c 0 g 1 0 0 n f 2 5 v d c - 1 . 0 0 - 0 . 5 0 0 . 0 0 0 . 5 0 1 . 0 0 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 d f (% ) t e m p e r a tu r e (c) 2 0 0 o c c 0 g m l c c 1 0 0 n f - 2 0 - 1 5 - 1 0 - 5 0 5 1 0 1 5 2 0 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 d e l ta c a p (% ) t e m p e r a tu r e (o c ) 0 v r 1 0 0 % v r 1 0 0 . 0 1 0 . 0 1 . 0 0 . 1 9 9 9 5 9 0 8 0 7 0 6 0 5 0 4 0 3 0 2 0 1 0 5 1 2 5 c i r (g o h m s ) percent % 0 h r s 2 0 0 0 h r s 1 . e+ 0 1 1 . e+ 0 2 1 . e+ 0 3 1 . e+ 0 4 1 . e+ 0 5 1 . e+ 0 6 1 . e+ 0 7 1 . e+ 0 8 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 i r (m o h m s ) t e m p e r a tu r e (c) p m e c 0 g m l c c 1 2 0 6 / 1 0 n f b m e c 0 g m l c c 1 2 0 6 / 1 0 n f 1 . e+ 0 0 1 . e+ 0 1 1 . e+ 0 2 1 . e+ 0 3 1 . e+ 0 4 1 . e+ 0 5 1 . e+ 0 6 1 . e+ 0 7 1 . e+ 0 8 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 i r (m o h m s ) t e m p e r a tu r e (c) 2 0 0 o c c 0 g m l c c 1 0 0 n f surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 5 table 1a C capacitance range/selection waterfall (0402 C 1206 case sizes) capacitance cap code case size / series c0402h c0603h c0805h c1206h voltage code 8 4 3 5 1 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 rated voltage (vdc) 10 16 25 50 100 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 0.5 & 0.75 pf 508 & 758 b c d bb bb bb bb cf cf cf cf cf cf dc dc dc dc dc dc 1.0 C 9.0 pf* 109 C 919* b c d bb bb bb bb cf cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 10 C 91 pf* 100 C 910* f g j k m bb bb bb bb cf cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 100 C 180 pf* 101 C 181* f g j k m bb bb bb bb bb cf cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 200 C 430 pf* 201 C 431* f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 470 pf 471 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dd eb eb eb eb eb eb 510 pf 511 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 560 pf 561 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 620 pf 621 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 680 pf 681 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 750 pf 751 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 820 pf 821 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dc dc eb eb eb eb eb eb 910 pf 911 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dd dd eb eb eb eb eb eb 1,000 pf 102 f g j k m bb bb bb bb bb cf cf cf cf cf dc dc dc dc dd dd eb eb eb eb eb ee 1,100 pf 112 f g j k m bb bb bb bb cf cf cf cf cf dc dc dc dc dc eb eb eb eb eb eb 1,200 pf 122 f g j k m bb bb bb bb cf cf cf cf cf dc dc dc dc dc eb eb eb eb eb eb 1,300 pf 132 f g j k m bb bb bb bb cf cf cf cf cf dd dd dd dd dd eb eb eb eb ec ec 1,500 pf 152 f g j k m bb bb bb bb cf cf cf cf cf dd dd dd dd dd eb eb eb eb ed ec 1,600 pf 162 f g j k m cf cf cf cf cf dd dd dd dd dd eb eb eb eb ed ed 1,800 pf 182 f g j k m cf cf cf cf cf dd dd dd dd dd eb eb eb eb ed ed 2,000 pf 202 f g j k m cf cf cf cf cf dc dc dc dc dc eb eb eb eb ed ed 2,200 pf 222 f g j k m cf cf cf cf cf dc dc dc dc dc eb eb eb eb ee ee 2,400 pf 242 f g j k m cf cf cf cf cf dc dc dc dc dc eb eb eb eb ec ec 2,700 pf 272 f g j k m cf cf cf cf cf dc dc dc dc dc eb eb eb eb ec ec 3,000 pf 302 f g j k m cf cf cf cf cf dd dd dd dd dc ec ec ec ec ec 3,300 pf 332 f g j k m cf cf cf cf cf dd dd dd dd dc ec ec ec ec ee 3,600 pf 362 f g j k m cf cf cf cf cf dd dd dd dd dc ec ec ec ec ee 3,900 pf 392 f g j k m cf cf cf cf cf de de de de dc ec ec ec ec ef 4,300 pf 432 f g j k m cf cf cf cf cf de de de de dc ec ec ec ec ec 4,700 pf 472 f g j k m cf cf cf cf cf de de de de dc ec ec ec ec ec 5,100 pf 512 f g j k m cf cf cf cf de de de de dc ed ed ed ed ed 5,600 pf 562 f g j k m cf cf cf cf dc dc dc dc dc ed ed ed ed ed 6,200 pf 622 f g j k m cf cf cf cf dc dc dc dc dc eb eb eb eb eb 6,800 pf 682 f g j k m cf cf cf cf dc dc dc dc dc eb eb eb eb eb 7,50 0 pf 752 f g j k m cf cf cf dc dc dc dc dc eb eb eb eb eb 8,200 pf 822 f g j k m cf cf cf dc dc dc dc dc ec ec ec ec eb 9,100 pf 912 f g j k m cf cf cf dc dc dc dc dc ec ec ec ec eb 10,000 pf 103 f g j k m cf cf cf dc dc dc dc dd ed ed ed ed eb 12,000 pf 123 f g j k m dc dc dc dc de eb eb eb eb eb 15,000 pf 153 f g j k m dc dc dc dd dg eb eb eb eb eb 18,000 pf 183 f g j k m dc dc dc dd eb eb eb eb eb 22,000 pf 223 f g j k m dd dd dd df eb eb eb eb ec 27,000 pf 273 f g j k m df df df eb eb eb eb ee 33,000 pf 333 f g j k m dg dg dg eb eb eb eb ee 47,000 pf 473 f g j k m ec ec ec ee eh 56,000 pf 563 f g j k m ed ed ed ef 68,000 pf 683 f g j k m ef ef ef eh 82,000 pf 823 f g j k m eh eh eh eh 0.10 f 104 f g j k m eh eh eh capacitance cap code rated voltage (vdc) 10 16 25 50 100 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 voltage code 8 4 3 5 1 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 case size / series c0402h c0603h c0805h c1206h *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 6 table 1b C capacitance range/selection waterfall (1210 C 2220 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. capacitance cap code case size / series c1210h c1812h c2220h voltage code 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 rated voltage (vdc) 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 1.0 - 9.1 pf* 109 - 919* b c d fb fb fb fb fb fb 10 - 91 pf* 100 - 910* f g j k m fb fb fb fb fb fb 100 - 910 pf* 101 - 911* f g j k m fb fb fb fb fb fb 1,000 pf 102 f g j k m fb fb fb fb fb fb 1,100 pf 112 f g j k m fb fb fb fb fb fb 1,200 pf 122 f g j k m fb fb fb fb fb fb 1,300 pf 132 f g j k m fb fb fb fb fb fc 1,500 pf 152 f g j k m fb fb fb fb fb fe 1,600 pf 162 f g j k m fb fb fb fb fb fe 1,800 pf 182 f g j k m fb fb fb fb fb fe 2,000 pf 202 f g j k m fb fb fb fb fc fe 2,200 pf 222 f g j k m fb fb fb fb fc fg 2,400 pf 242 f g j k m fb fb fb fb fc fc 2,700 pf 272 f g j k m fb fb fb fb fc fc 3,000 pf 302 f g j k m fb fb fb fb fc ff 3,300 pf 332 f g j k m fb fb fb fb ff ff 3,600 pf 362 f g j k m fb fb fb fb ff ff 3,900 pf 392 f g j k m fb fb fb fb ff ff 4,300 pf 432 f g j k m fb fb fb fb ff ff 4,700 pf 472 f g j k m ff ff ff ff fg fg 5,100 pf 512 f g j k m fb fb fb fb fg fg 5,600 pf 562 f g j k m fb fb fb fb fg fg 6,200 pf 622 f g j k m fb fb fb fb fg 6,800 pf 682 f g j k m fb fb fb fb fg 7,50 0 pf 752 f g j k m fc fc fc fc fc 8,200 pf 822 f g j k m fc fc fc fc fc 9,100 pf 912 f g j k m fe fe fe fe fe 10,000 pf 103 f g j k m ff ff ff ff ff 12,000 pf 123 f g j k m fg fg fg fg fb 15,000 pf 153 f g j k m fg fg fg fg fb gb gb gb gb gb 18,000 pf 183 f g j k m fb fb fb fb fb gb gb gb gb gb 22,000 pf 223 f g j k m fb fb fb fb fb gb gb gb gb gb 27,000 pf 273 f g j k m fb fb fb fb fb gb gb gb gb gb 33,000 pf 333 f g j k m fb fb fb fb fb gb gb gb gb gb 47,000 pf 473 f g j k m fb fb fb fb fe gb gb gb gb gb 56,000 pf 563 f g j k m fb fb fb fb ff gb gb gb gb gb 68,000 pf 683 f g j k m fb fb fb fc fg gb gb gb gb gb 82,000 pf 823 f g j k m fc fc fc ff fh gb gb gb gb gb 0.10 f 104 f g j k m fe fe fe fg fm gb gb gb gb gd 0.12 f 124 f g j k m fg fg fg fh gb gb gb gb gh 0.15 f 154 f g j k m fh fh fh fm gd gd gd gd gn 0.18 f 184 f g j k m gh gh gh gh 0.22 f 224 f g j k m gk gk gk gk 0.47 f 474 f g j k m jj jj jj jj capacitance cap code rated voltage (vdc) 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 voltage code 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 case size / series c1210h c1812h c2220h surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 7 table 2 C chip thickness/packaging quantities thickness code case size thickness range (mm) paper quantity plastic quantity 7" reel 13" reel 7" reel 13" reel bb 0402 0.50 0.05 10,000 50,000 0 0 cf 0603 0.80 0.07 4,000 15,000 0 0 dc 0805 0.78 0.10 4,000 10,000 0 0 dd 0805 0.90 0.10 4,000 10,000 0 0 de 0805 1.00 0.10 0 0 2,500 10,000 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 eb 1206 0.78 0.10 4,000 10,000 4,000 10,000 ec 1206 0.90 0.10 0 0 4,000 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ee 1206 1.10 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fb 1210 0.78 0.10 0 0 4,000 10,000 fc 1210 0.90 0.10 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 ff 1210 1.10 0.10 0 0 2,500 10,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fh 1210 1.55 0.15 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gd 1812 1.25 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gn 1812 1.70 0.20 0 0 1,000 4,000 jj 2220 2.20 0.15 0 0 500 2,000 thickness code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity plastic quantity package quantity based on fnished chip thickness specifcations. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 8 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0402 1005 0.50 0.72 0.72 2.20 1.20 0.45 0.62 0.62 1.90 1.00 0.40 0.52 0.52 1.60 0.80 0603 1608 0.90 1.15 1.10 4.00 2.10 0.80 0.95 1.00 3.10 1.50 0.60 0.75 0.90 2.40 1.20 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1210 1 3225 1.50 1.60 2.90 5.60 3.90 1.40 1.40 2.80 4.70 3.30 1.30 1.20 2.70 4.00 3.00 1812 4532 2.15 1.60 3.60 6.90 4.60 2.05 1.40 3.50 6.00 4.00 1.95 1.20 3.40 5.30 3.70 2220 5650 2.75 1.70 5.50 8.20 6.50 2.65 1.50 5.40 7.30 5.90 2.55 1.30 5.30 6.60 5.60 1 only for capacitance values 22 f density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 9 soldering process recommended soldering technique: ? solder wave or solder refow for eia case sizes 0603, 0805 and 1206 ? all other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet s recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak ote 1: all temperatures refer to the center of the package measured on the capacitor bod surface that is facing up during assembl refow. time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 10 table 4 C performance & reliability: test methods and conditions product qualifcation test plan reliability/environmental tests per milCstdC202//jesd22 high temperature life 200c rated voltage 2,000 hours load humidity 85c /85%rh rated voltage 1,000 hours low voltage humidity 85c /85%rh, 1.5 v, 1,000 hours temperature cycling -55c to +200c, 50 cycles thermal shock -55c to +150c, 20 seconds transfer, 15 minute dwell, 300 cycles moisture resistance cycled temp/rh 0 v, 10 cycles @ 24 hours each physical, mechanical & process tests per milCstd 202/jisCcC6429 resistance to solvents include aqueous wash chemical, okem clean or equivalent mechanical shock and vibration method 213: figure 1, condition f method 204: 5 gs for 20 minutes 12 cycles resistance to soldering heat condition b, no per-heat of samples, single wave solder terminal strength force of 1.8 kg for 60 seconds board flex appendix 2, note: 3.0 mm (minimum) storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 11 construction dielectric material (cazro 3 ) detailed cross section barrier layer (ni) base metal (cu) inner electrodes (ni) barrier layer (ni) base metal (cu) inner electrodes (ni) dielectric material (cazro 3 ) termination finish (100% matte sn / snpb - 5% min) termination finish (100% matte sn / snpb - 5% min) capacitor marking (optional): laser marking option is not available on: ? c0g, ultra stable x8r and y5v dielectric devices ? eia 0402 case size devices ? eia 0603 case size devices with flexible termination option. ? kps commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 12 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static co v er t ape (.10 mm (.004") maximum thic kness) chip and kps or ientation in p oc k et (e xcept 1825 commercial, and 1825 and 2225 milita r y) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration C embossed plastic & punched paper (mm) eia case size tape size (w)* pitch (p 1 )* 01005 C 0402 8 2 0603 C 1210 8 4 1805 C 1808 12 4 1812 12 8 kps 1210 12 8 kps 1812 & 2220 16 12 array 0508 & 0612 8 4 5hihuwr)ljxuhviru:dqg3 1 carrier tape reference locations. ireirrr surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature (200c), c0g dielectric, 10 C 200 vdc (industrial grade) ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1001_c0g_200c_smd ? 7/23/2014 13 figure 1 C embossed (plastic) carrier tape dimensions p o t f w c en t er li n e s of cav i t y a o b o u s e r d i r e c t i o n o f u n r e elin g c ov er t ap e k o b 1 i s f or t ap e f e ed er r e f e r ence onl y, i ncl u di ng dr a ft con c en t r i c a bou t b o . t 2 ? d 1 ? d o b 1 s 1 t 1 e 1 e 2 p 1 p 2 e m b os s m e nt f or c a v i t y s i z e , s e e n o t e 1 t a b l e 4 [ 1 0 p i t c h e s c um u l at i v e t ol er a n c e o n t a p e 0. 2 m m ] 7 d e o h 2 ( p e r v v h g 3 o d v w l f & |